Part Number Hot Search : 
SD400 UTC78M09 AN2335 6EL1SCM 80C32E 2C150 BA6897S 25ETS08S
Product Description
Full Text Search
 

To Download KBPC1508W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10/15/25/35/50AW SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35/50 Amperes FEATURES
Surge overload -240~500 Amperes peak Low forward voltage drop Mounting Position : Any Electrically isolated base -2000 Volts Solderable 0.25" FASTON terminals Materials used carries U/L recognition
.42(1.07) .38(0.97) Hole for No.8 screw 193"(4.9)diam 1.200 (30.5)MIN
KBPC-W
LEAD/METAL
.442(11.23) .424(10.77)
1.130(28.7) 1.114(28.3)
1.130(28.7) 1.114(28.3) .732(18.6) .693(17.6)
.469(11.9) .429(10.9)
.732(18.6) .693(17.6)
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20%
KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W KBPC-W 10005 1001 1501 2501 3501 5001 100 70 10 KBPC 10W IFSM 240 KBPC 15W 300 1002 1502 2502 3502 5002 200 140 15 KBPC 25W 400 1004 1504 2504 3504 5004 400 280 25 KBPC 35W 400 1006 1506 2506 3506 5006 600 420 1008 1508 2508 3508 5008 800 560 35 KBPC 50W 500 A 1010 1510 2510 3510 5010 1000 700 50 V V A UNIT
CHARACTERISTICS
SYMBOL
15005 25005 35005 50005
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current @TC=55 Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rate DC Blocking Voltage Per Element @TA=25 Operating Temperature Range Storage Temperature Range
VRRM VRMS I(AV)
50 35
VF IR TJ TSTG
1.1 10 -55 to +125 -55 to +125
V uA
NOTES:Also available on KBPC 10W/15W/25W/35W/50W series.
~ 357 ~
RATING AND CHARACTERISTIC CURVES KBPC10/15/25/35/50A W SERIES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 600 PEAK FORWARD SURGE CURRENT , AMPERES
KBPC50W
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT 50 AVERAGE FORWARD OUTPUT CURRENT AMPERES
KBPC50W
500
KBPC25/35W
40
KBPC35W
400
KBPC15W
30
300
200
20
KBPC25W
100
KBPC10W
10
KBPC15W KBPC10W
0 1 10 NUMBER OF CYCLES AT 60Hz 100
0 50 100 150
CASE TEMPERATURE,
FIG.3-TYPICAL FORWARD CHARACTERISTICS
KBPC35/50W KBPC15W KBPC25W KBPC10W
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS 10
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=25
0.1
0.1
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
~ 358 ~


▲Up To Search▲   

 
Price & Availability of KBPC1508W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X